PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX6817 MAX6816 MAX6818 MAX6818EAP MAX6816EUS-T MA |
±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 8-Bit Binary Counters With Input Registers 20-LCCC -55 to 125 15kV ESD-Protected / Single/Dual/Octal / CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers 15kV ESD-Protected Single/Dual/Octal CMOS Switch Debouncers 【15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX3095 MAX3095CEE MAX3095CPE MAX3095CSE MAX3095EE |
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers From old datasheet system ±15kV ESD-Protected, 10Mbps, 3V/5V,Quad RS-422/RS-485 Receivers 15kV ESD-Protected / 10Mbps / 3V/5V / Quad RS-422/RS-485 Receivers Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP QUAD LINE RECEIVER, PDSO16 Replaced by TMS320C6455 : QUAD LINE RECEIVER, PDSO16
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL4223EIRZ-T ISL4221 ISL4221E ISL4221EIR ISL4221E |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers DUAL LINE TRANSCEIVER, PQCC20 QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, /-15kV ESD 防护, 2.7V5.5V, 150毫微 250kbps, RS-232收发 RES, SM 1.3K OHM 1/10W 1%
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX1 |
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors DATACOM, INTERFACE CIRCUIT, QCC16 【15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL4243EIRZ-T ISL4241E ISL4241EIR ISL4241EIR-T ISL |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, ±15kV ESD防护, 2.7V5.5V, 10毫微 250kbps, RS-232收发 CON BLOCK 2 ASY
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
ST3241E ST3241EBD ST3241EBDR ST3241EBPR ST3241EBTR |
15KV ESD PROTECTED 3 TO 5.5 V, 400 KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 15KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|